PART |
Description |
Maker |
MBR1030CT08 MBR1040CT MBR1035CT MBR1060CT MBR1045C |
10 Amp Schott ky Barrier Rectifier 30-60 Volts
|
Micro Commercial Components
|
MBR1040CT |
10 Am p Schott ky Barrier Rectifier 30-60 Volts
|
Micro Commercial Components
|
MBR10100CT |
(MBR1080CT - MBR10100CT) Schott ky Barrier Rectifier
|
MCC
|
INTERSILCORP-X9241AWSZT2 X9241AWSZT1 |
Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R
|
INTERSIL CORP
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
ISL1209IU10-ZTK |
Low Power RTC with Battery Backed SRAM and Event Detection; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
ISL97650BIRTZ-TK |
4-Channel Integrated LCD Supply; Temperature Range: -25°C to 85°C; Package: 36-TQFN T&R
|
INTERSIL CORP
|